Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KLB 4 Datasheet (PDF) - Lumberg

KLB 4 Datasheet PDF - Lumberg
Part # KLB 4
Download  KLB 4 Download
File Size   139.08 Kbytes
Page   1 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description Jack connectors according to JIS C 6560, 3.5 mm

KLB 4 Datasheet (PDF)

Go To PDF Page Download Datasheet
KLB 4 Datasheet PDF - Lumberg

Part # KLB 4
Download  KLB 4 Click to download

File Size   139.08 Kbytes
Page   1 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description Jack connectors according to JIS C 6560, 3.5 mm

KLB 4 Datasheet (HTML) - Lumberg




Similar Part No. - KLB 4

ManufacturerPart #DatasheetDescription
logo
Lumberg
KLB 13 LUMBERG-KLB 13 Datasheet
135Kb / 1P
Jack connectors according to JIS C 6560, 2.5 mm
05/2015
More results


Similar Description - KLB 4

ManufacturerPart #DatasheetDescription
logo
Lumberg
WKLS2 LUMBERG-WKLS2 Datasheet
86Kb / 1P
Jack connectors according to JIS C 6560, 3.5 mm
WKLS40 LUMBERG-WKLS40 Datasheet
82Kb / 1P
Jack connectors according to JISC 6560, 3.5 mm
logo
CUI INC
SJ-43514 CUI-SJ-43514 Datasheet
158Kb / 3P
3.5 MM AUDIO JACK
MR-3501 CUI-MR-3501 Datasheet
262Kb / 3P
3.5 MM AUDIO JACK
SJ-3598 CUI-SJ-3598 Datasheet
147Kb / 3P
3.5 MM AUDIO JACK
SJ-4351X CUI-SJ-4351X Datasheet
162Kb / 3P
3.5 MM AUDIO JACK
SJ-435107 CUI-SJ-435107 Datasheet
280Kb / 3P
3.5 MM AUDIO JACK
SR-3501 CUI-SR-3501 Datasheet
269Kb / 3P
3.5 MM AUDIO JACK
SJ1-43502PM CUI-SJ1-43502PM Datasheet
285Kb / 3P
3.5 MM AUDIO JACK
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
Circular Connectors Conforming to JIS C 5432
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com